Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW30H60DF Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STGW30H60DF
Description  600 V, 30 A high speed trench gate field-stop IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30H60DF Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STGW30H60DF Datasheet HTML 16Page - STMicroelectronics STGW30H60DF Datasheet HTML 17Page - STMicroelectronics STGW30H60DF Datasheet HTML 18Page - STMicroelectronics STGW30H60DF Datasheet HTML 19Page - STMicroelectronics STGW30H60DF Datasheet HTML 20Page - STMicroelectronics STGW30H60DF Datasheet HTML 21Page - STMicroelectronics STGW30H60DF Datasheet HTML 22Page - STMicroelectronics STGW30H60DF Datasheet HTML 23Page - STMicroelectronics STGW30H60DF Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Packaging mechanical data
STGB30H60DF, STGF30H60DF, STGP30H60DF, STGW30H60DF
20/24
DocID022363 Rev 3
5
Packaging mechanical data
Figure 33. D²PAK footprint(a)
Table 13. D²PAK (TO-263) tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
10.5
10.7
A
330
B0
15.7
15.9
B
1.5
D
1.5
1.6
C
12.8
13.2
D1
1.59
1.61
D
20.2
E
1.65
1.85
G
24.4
26.4
F
11.4
11.6
N
100
K0
4.8
5.0
T
30.4
P0
3.9
4.1
P1
11.9
12.1
Base qty
1000
P2
1.9
2.1
Bulk qty
1000
R50
T
0.25
0.35
W
23.7
24.3
16.90
12.20
9.75
3.50
5.08
1.60
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24