| Moteur de recherche de fiches techniques de composants électroniques |
|
STGW30H60DF Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGW30H60DF Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 24 page ![]() Package mechanical data STGB30H60DF, STGF30H60DF, STGP30H60DF, STGW30H60DF 12/24 DocID022363 Rev 3 4 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 9. D²PAK (TO-263) mechanical data Dim. mm Min. Typ. Max. A4.40 4.60 A1 0.03 0.23 b0.70 0.93 b2 1.14 1.70 c0.45 0.60 c2 1.23 1.36 D8.95 9.35 D1 7.50 E 10 10.40 E1 8.50 e2.54 e1 4.88 5.28 H 15 15.85 J1 2.49 2.69 L2.29 2.79 L1 1.27 1.40 L2 1.30 1.75 R0.4 V2 0° 8° |