| Moteur de recherche de fiches techniques de composants électroniques |
|
STCF05TBR Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF05TBR Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 33 page ![]() I²C bus interface STCF05 20/33 Doc ID 15257 Rev 4 Table 9. I²C register mapping read function Register name SUB ADDRESS (hex) Operation CMD_REG 00 R / W DIM_REG 01 R / W AUX_REG 02 R / W STAT_REG 03 R only Table 10. Command register CMD_REG (write mode) MSB LSB SUB ADD=00 PWR_ON TRIG_EN TCH_ON NTC_ON FTIM_3 FTIM_2 FTIM_1 FTIM_0 Power ON RESET Value 0 0 000 0 0 0 Table 11. Dimming register DIM_REG (write mode) MSB LSB SUB ADD=01 N/A TDIM_2 TDIM_1 TDIM_0 N/A FDIM_2 FDIM_1 FDIM_0 Power ON, SHUTDOWN MODE RESET Value 0000 0000 |