Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF05TBR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STCF05TBR
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05TBR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STCF05TBR Datasheet HTML 4Page - STMicroelectronics STCF05TBR Datasheet HTML 5Page - STMicroelectronics STCF05TBR Datasheet HTML 6Page - STMicroelectronics STCF05TBR Datasheet HTML 7Page - STMicroelectronics STCF05TBR Datasheet HTML 8Page - STMicroelectronics STCF05TBR Datasheet HTML 9Page - STMicroelectronics STCF05TBR Datasheet HTML 10Page - STMicroelectronics STCF05TBR Datasheet HTML 11Page - STMicroelectronics STCF05TBR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Pin configuration
STCF05
8/33
Doc ID 15257 Rev 4
3
Pin configuration
Figure 2.
Pin connections (top view)
1
2
3
4
5
A
VOUT
LED
LED
ATN
TRIG
B
VOUT
ADD
SDA
SCL
TMSK
C
PGND
PGND
PGND
PGND
AUXL
D
VLX
VLX
PGND
VBAT
NTC
E
VLX
VLX
PGND
AGND
RX
Table 2.
Pin description
Ball n°
Symbol
Description
E1, D1, D2, E2
VLX
Inductor connection
E5
RX
Rx resistor connection
A1, B1
VOUT
Output voltage
D5
NTC
NTC resistor connection
C5
AUXL
Auxiliary red LED connection
B4
SCL
I²C clock signal
A5
TRIG
Flash trigger input
E4
AGND
Signal ground
B2
ADD
I²C address selection
A2, A3
LED
Diode cathode connection
A4
ATN
Attention (open drain output, active LOW)
D4
VBAT
Supply voltage
B3
SDA
I²C data
B5
TMSK
T-mask
C1, C2, C3, C4, D3, E3
PGND
Power ground + die back connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33