| Moteur de recherche de fiches techniques de composants électroniques |
|
STCF04 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF04 Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 43 page ![]() Application STCF04 10/43 Doc ID 022927 Rev 3 5 Application Figure 3. Application schematic Note: **: connect to VI, or GND or SDA or SCL to choose one of the 4 different I²C slave addresses. Optional components to support auxiliary functions are highlighted with blue rectangles. Note: The anode of the AuxLED should be also connected to the VOUT. |