Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

START499ETR Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce START499ETR
Description  NPN RF silicon transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499ETR Fiches technique(HTML) 5 Page - STMicroelectronics

  START499ETR Datasheet HTML 1Page - STMicroelectronics START499ETR Datasheet HTML 2Page - STMicroelectronics START499ETR Datasheet HTML 3Page - STMicroelectronics START499ETR Datasheet HTML 4Page - STMicroelectronics START499ETR Datasheet HTML 5Page - STMicroelectronics START499ETR Datasheet HTML 6Page - STMicroelectronics START499ETR Datasheet HTML 7Page - STMicroelectronics START499ETR Datasheet HTML 8Page - STMicroelectronics START499ETR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
START499ETR
Pin connections
5/14
3
Pin connections
Figure 1.
Pin out
Table 6.
Pin description
Pin number
Description
1
Base
3
Collector
2,4
Emitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14