Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

START499ETR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce START499ETR
Description  NPN RF silicon transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499ETR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button START499ETR Datasheet HTML 4Page - STMicroelectronics START499ETR Datasheet HTML 5Page - STMicroelectronics START499ETR Datasheet HTML 6Page - STMicroelectronics START499ETR Datasheet HTML 7Page - STMicroelectronics START499ETR Datasheet HTML 8Page - STMicroelectronics START499ETR Datasheet HTML 9Page - STMicroelectronics START499ETR Datasheet HTML 10Page - STMicroelectronics START499ETR Datasheet HTML 11Page - STMicroelectronics START499ETR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Package equivalent circuit
START499ETR
8/14
5
Package equivalent circuit
Figure 2.
Package equivalent circuit
Note:
In order to avoid high complexity of the package equivalent circuit, the two emitter leads of
SOT-343 package are combined in one electrical connection.
5.1
For more accuracy simulation in saturation region:
Adding the 5 spice parameters showed in Table 8 and using ST spice library (available on
request) you can achieve a more accuracy simulation in the saturation region. ST spice
library is compatible with following simulators: ELDO MENTOR (any version), SPECTRE
CADENCE (any version), ADS (version 2001 only).
Table 8.
Spice parameters extracted in saturation region
RW
Vjj
ENP
VRP
RP
1.034
0.755
2.235
{7.2*((TEMPER+273.15)/300.15)^(0.125)}
0.33E-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14