Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPN2M50T-HL Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce IPN2M50T-HL
Description  Undervoltage lockout
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN2M50T-HL Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button IPN2M50T-HL Datasheet HTML 15Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 16Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 17Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 18Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 19Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 20Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 21Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 22Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
STIPN2M50T-HL
Package information
DocID029561 Rev 4
21/23
Table 16: NDIP-26L in line mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
A1
0.80
1.00
1.20
A2
3.00
3.10
3.20
A3
1.70
1.80
1.90
A4
5.70
5.90
6.10
b
0.53
0.72
b1
0.52
0.60
0.68
b2
0.83
1.02
b3
0.82
0.90
0.98
c
0.46
0.59
c1
0.45
0.50
0.55
D
29.05
29.15
29.25
D1
0.55
0.77
1.00
D2
0.35
0.53
0.70
D3
29.55
E
12.35
12.45
12.55
e
1.70
1.80
1.90
e1
2.40
2.50
2.60
eB1
14.25
14.55
14.85
L
0.90
1.05
1.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23