Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPN2M50T-HL Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce IPN2M50T-HL
Description  Undervoltage lockout
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN2M50T-HL Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button IPN2M50T-HL Datasheet HTML 15Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 16Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 17Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 18Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 19Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 20Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 21Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 22Page - STMicroelectronics IPN2M50T-HL Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Package information
STIPN2M50T-HL
20/23
DocID029561 Rev 4
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.1
NDIP-26L in line package information
Figure 12: NDIP-26L in line package outline
8278949_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23