Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTR Fiches technique(PDF) 234 Page - Silicon Laboratories

No de pièce EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Fiches technique(HTML) 234 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 230Page - Silicon Laboratories EM357-RTR Datasheet HTML 231Page - Silicon Laboratories EM357-RTR Datasheet HTML 232Page - Silicon Laboratories EM357-RTR Datasheet HTML 233Page - Silicon Laboratories EM357-RTR Datasheet HTML 234Page - Silicon Laboratories EM357-RTR Datasheet HTML 235Page - Silicon Laboratories EM357-RTR Datasheet HTML 236Page - Silicon Laboratories EM357-RTR Datasheet HTML 237Page - Silicon Laboratories EM357-RTR Datasheet HTML 238Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 241 page
background image
234
Rev 1.3
BLOCK
TIM2
4000F000 - 4000FFFF General Purpose Timer 2
Address
Name
Type
Reset
Description
4000F000
TIM2_CR1
RW
0
Timer 2 Control Register 1
4000F004
TIM2_CR2
RW
0
Timer 2 Control Register 2
4000F008
TIM2_SMCR
RW
0
Timer 2 Slave Mode Control Register
4000F014
TIM2_EGR
RW
0
Timer 2 Event Generation Register
4000F018
TIM2_CCMR1
RW
0
Timer 2 Capture/Compare Mode Register 1
4000F01C
TIM2_CCMR2
RW
0
Timer 2 Capture/Compare Mode Register 2
4000F020
TIM2_CCER
RW
0
Timer 2 Capture/Compare Enable Register
4000F024
TIM2_CNT
RW
0
Timer 2 Counter Register
4000F028
TIM2_PSC
RW
0
Timer 2 Prescaler Register
4000F02C
TIM2_ARR
RW
FFFF
Timer 2 Auto-Reload Register
4000F034
TIM2_CCR1
RW
0
Timer 2 Capture/Compare Register 1
4000F038
TIM2_CCR2
RW
0
Timer 2 Capture/Compare Register 2
4000F03C
TIM2_CCR3
RW
0
Timer 2 Capture/Compare Register 3
4000F040
TIM2_CCR4
RW
0
Timer 2 Capture/Compare Register 4
4000F050
TIM2_OR
RW
0
Timer 2 Option Register
BLOCK
NVIC
E000E000 - E000EFFF Nested Vectored Interrupt Controller
Address
Name
Type
Reset
Description
E000E100
INT_CFGSET
RW
0
Top-Level Set Interrupts Configuration Register
E000E180
INT_CFGCLR
RW
0
Top-Level Clear Interrupts Configuration Register
E000E200
INT_PENDSET
RW
0
Top-Level Set Interrupts Pending Register
E000E280
INT_PENDCLR
RW
0
Top-Level Clear Interrupts Pending Register
E000E300
INT_ACTIVE
R
0
Top-Level Active Interrupts Register
E000ED3C
SCS_AFSR
RW
0
Auxiliary Fault Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More