| Moteur de recherche de fiches techniques de composants électroniques |
|
EM357-RTR Fiches technique(PDF) 75 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Fiches technique(HTML) 75 Page - Silicon Laboratories |
|
75 / 241 page ![]() 75 Rev 1.3 SC1_INTMODE: Address: 0x4000A854 Reset: 0x0 SC2_INTMODE: Address: 0x4000A858 Reset: 0x0 Register 8.4. SCx_INTMODE SC1_INTMODE: Serial Controller 1 Interrupt Mode Register SC2_INTMODE: Serial Controller 2 Interrupt Mode Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name 0 0 0 0 0 SC_TXIDLELEVEL SC_TXFREELEVEL SC_RXVALLEVEL Bitname Bitfield Access Description SC_TXIDLELEVEL [2] RW Transmitter idle interrupt mode - 0: edge triggered, 1: level triggered. SC_TXFREELEVEL [1] RW Transmit buffer free interrupt mode - 0: edge triggered, 1: level triggered. SC_RXVALLEVEL [0] RW Receive buffer has data interrupt mode - 0: edge triggered, 1: level triggered. |