| Moteur de recherche de fiches techniques de composants électroniques |
|
EM357-RTR Fiches technique(PDF) 60 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Fiches technique(HTML) 60 Page - Silicon Laboratories |
|
60 / 241 page ![]() Rev 1.3 60 GPIO_PAIN: Address: 0x4000B008 Reset: 0x0 GPIO_PBIN: Address: 0x4000B408 Reset: 0x0 GPIO_PCIN: Address: 0x4000B808 Reset: 0x0 Register 7.3. GPIO_PxIN GPIO_PAIN: Port A Input Data Register GPIO_PBIN: Port B Input Data Register GPIO_PCIN: Port C Input Data Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name Px7 Px6 Px5 Px4 Px3 Px2 Px1 Px0 Bitname Bitfield Access Description Px7 [7] RW Input level at pin Px7. Px6 [6] RW Input level at pin Px6. Px5 [5] RW Input level at pin Px5. Px4 [4] RW Input level at pin Px4. Px3 [3] RW Input level at pin Px3. Px2 [2] RW Input level at pin Px2. Px1 [1] RW Input level at pin Px1. Px0 [0] RW Input level at pin Px0. |