| Moteur de recherche de fiches techniques de composants électroniques |
|
EM357-RTR Fiches technique(PDF) 211 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Fiches technique(HTML) 211 Page - Silicon Laboratories |
|
211 / 241 page ![]() Rev 1.3 211 19. Pin Definitions 19.1. Pin Definitions Figure 19.1. EM35x Pin Definitions Refer to "7. GPIO (General Purpose Input/Output)" on page 50 for details about selecting GPIO pin functions. VDD_24MHZ VDD_VCO RF_N RF_P VDD_RF RF_TX_ALT_P RF_TX_ALT_N VDD_IF NC VDD_PADSA PC5, TX_ACTIVE PB0, VREF, IRQA, TRACECLK, TIM1CLK, TIM2MSK PC4, JTMS, SWDIO PC3, JTDI PC2, JTDO, SWO SWCLK, JTCK PB2, SC1MISO, SC1MOSI, SC1SCL, SC1RXD, TIM2C2 PB1, SC1MISO, SC1MOSI, SC1SDA, SC1TXD, TIM2C1 PA6, TIM1C3 VDD_PADS PA5, ADC5, PTI_DATA, nBOOTMODE, TRACEDATA3 PA4, ADC4, PTI_EN, TRACEDATA2 PA3, SC2nSSEL, TRACECLK, TIM2C2 13 14 15 16 17 18 19 20 21 22 23 24 12 11 nRESET 10 9 8 7 6 5 4 3 2 1 25 26 27 28 29 30 31 32 33 34 35 36 48 47 46 45 44 43 42 41 40 39 38 37 49 GND EM35x |