Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTR Fiches technique(PDF) 132 Page - Silicon Laboratories

No de pièce EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Fiches technique(HTML) 132 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 128Page - Silicon Laboratories EM357-RTR Datasheet HTML 129Page - Silicon Laboratories EM357-RTR Datasheet HTML 130Page - Silicon Laboratories EM357-RTR Datasheet HTML 131Page - Silicon Laboratories EM357-RTR Datasheet HTML 132Page - Silicon Laboratories EM357-RTR Datasheet HTML 133Page - Silicon Laboratories EM357-RTR Datasheet HTML 134Page - Silicon Laboratories EM357-RTR Datasheet HTML 135Page - Silicon Laboratories EM357-RTR Datasheet HTML 136Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 241 page
background image
Rev 1.3
132
Figure 9.23. Center-Aligned PWM Waveforms (ARR = 8)
Hints on using center-aligned mode:

When starting in center-aligned mode, the current up-down configuration is used. This means that the
counter counts up or down depending on the value written in the TIM_DIR bit in the TIMx_CR1 register.
The TIM_DIR and TIM_CMS bits must not be changed at the same time by the software.

Writing to the counter while running in center-aligned mode is not recommended as it can lead to
unexpected results. In particular:

The direction is not updated when the value written to the counter that is greater than the auto-reload value
(TIMx_CNT > TIMx_ARR). For example, if the counter was counting up, it continues to count up.

The direction is updated when 0 or the TIMx_ARR value is written to the counter, but no UEV is generated.

The safest way to use center-aligned mode is to generate an update by software (setting the TIM_UG bit in
the TIMx_EGR register) just before starting the counter, and not to write the counter while it is running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More