Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB100NF04T4 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STB100NF04T4
Description  AEC-Q101 qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100NF04T4 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STB100NF04T4 Datasheet HTML 6Page - STMicroelectronics STB100NF04T4 Datasheet HTML 7Page - STMicroelectronics STB100NF04T4 Datasheet HTML 8Page - STMicroelectronics STB100NF04T4 Datasheet HTML 9Page - STMicroelectronics STB100NF04T4 Datasheet HTML 10Page - STMicroelectronics STB100NF04T4 Datasheet HTML 11Page - STMicroelectronics STB100NF04T4 Datasheet HTML 12Page - STMicroelectronics STB100NF04T4 Datasheet HTML 13Page - STMicroelectronics STB100NF04T4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Spice thermal model
STB100NF04T4, STP100NF04
10/20
DocID9969 Rev 7
3
Spice thermal model
Figure 19: Spice model schematic
Table 7: Spice parameter
Parameter
Node
Value
CTHERM1
5 - 4
0.011
CTHERM1
4 - 3
0.0012
CTHERM3
3 - 2
0.05
CTHERM4
2 - 1
0.1
RTHERM1
5 - 4
0.09
RTHERM2
4 - 3
0.02
RTHERM3
3 - 2
0.11
RTHERM4
2 - 1
0.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20