Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB100NF04T4 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STB100NF04T4
Description  AEC-Q101 qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100NF04T4 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STB100NF04T4 Datasheet HTML 5Page - STMicroelectronics STB100NF04T4 Datasheet HTML 6Page - STMicroelectronics STB100NF04T4 Datasheet HTML 7Page - STMicroelectronics STB100NF04T4 Datasheet HTML 8Page - STMicroelectronics STB100NF04T4 Datasheet HTML 9Page - STMicroelectronics STB100NF04T4 Datasheet HTML 10Page - STMicroelectronics STB100NF04T4 Datasheet HTML 11Page - STMicroelectronics STB100NF04T4 Datasheet HTML 12Page - STMicroelectronics STB100NF04T4 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STB100NF04T4, STP100NF04
Electrical characteristics
DocID9969 Rev 7
9/20
Figure 18: Allowable Iav vs. time in avalanche
The previous curve give the safe operating area for unclamped inductive loads, single
pulse or repetitive, under the following conditions:
PD(AVE) = 0.5*(1.3*BVDSS*IAV)
EAS(AR)= PD(AVE)*TAV
Where:
IAV is the allowable current in avalanche
PD(AVE) is the average power dissipation in avalnche(single pulse)
tAV is the time in avalanche
To de rate above 25°C, at fixed IAV, the following equation must be applied:
IAV= 2*(Tjmax-TCASE)/(1.3*BVDSS*Zth)
Where:
Zth= K*Rth is the value coming from normalized thermal response at fixed pulse width
equal to TAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20