| Moteur de recherche de fiches techniques de composants électroniques |
|
STB6N52K3 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STB6N52K3 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 22 page ![]() Packaging mechanical data STB6N52K3, STD6N52K3, STF6N52K3, STP6N52K3 18/22 Doc ID 14994 Rev 2 5 Packaging mechanical data Figure 29. D²PAK footprint(a) Table 13. D²PAK (TO-263) tape and reel mechanical data Tape Reel Dim. mm Dim. mm Min. Max. Min. Max. A0 10.5 10.7 A 330 B0 15.7 15.9 B 1.5 D 1.5 1.6 C 12.8 13.2 D1 1.59 1.61 D 20.2 E 1.65 1.85 G 24.4 26.4 F 11.4 11.6 N 100 K0 4.8 5.0 T 30.4 P0 3.9 4.1 P1 11.9 12.1 Base qty 1000 P2 1.9 2.1 Bulk qty 1000 R50 T 0.25 0.35 W 23.7 24.3 a. All dimension are in millimeters |