Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC4933 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STAC4933
Description  Excellent thermal stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4933 Fiches technique(HTML) 5 Page - STMicroelectronics

  STAC4933 Datasheet HTML 1Page - STMicroelectronics STAC4933 Datasheet HTML 2Page - STMicroelectronics STAC4933 Datasheet HTML 3Page - STMicroelectronics STAC4933 Datasheet HTML 4Page - STMicroelectronics STAC4933 Datasheet HTML 5Page - STMicroelectronics STAC4933 Datasheet HTML 6Page - STMicroelectronics STAC4933 Datasheet HTML 7Page - STMicroelectronics STAC4933 Datasheet HTML 8Page - STMicroelectronics STAC4933 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID022695 Rev 2
5/12
STAC4933
Electrical characteristics
12
Table 6. VGS/GFS sorts
Marking
VGS(min)
VGS(max)
GFS(min)
GFS(max)
E4
2.50
2.75
8
9
E5
2.50
2.75
9
10
E6
2.50
2.75
10
11
E7
2.50
2.75
11
12
E8
2.50
2.75
12
13
E9
2.50
2.75
13
14
F4
2.75
3.00
8
9
F5
2.75
3.00
9
10
F6
2.75
3.00
10
11
F7
2.75
3.00
11
12
F8
2.75
3.00
12
13
F9
2.75
3.00
13
14
G4
3.00
3.25
8
9
G5
3.00
3.25
9
10
G6
3.00
3.25
10
11
G7
3.00
3.25
11
12
G8
3.00
3.25
12
13
G9
3.00
3.25
13
14
H4
3.25
3.50
8
9
H5
3.25
3.50
9
10
H6
3.25
3.50
10
11
H7
3.25
3.50
11
12
H8
3.25
3.50
12
13
H9
3.25
3.50
13
14
I4
3.50
3.75
8
9
I5
3.50
3.75
9
10
I6
3.50
3.75
10
11
I7
3.50
3.75
11
12
I8
3.50
3.75
12
13
I9
3.50
3.75
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12