Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC4933 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STAC4933
Description  Excellent thermal stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4933 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STAC4933 Datasheet HTML 4Page - STMicroelectronics STAC4933 Datasheet HTML 5Page - STMicroelectronics STAC4933 Datasheet HTML 6Page - STMicroelectronics STAC4933 Datasheet HTML 7Page - STMicroelectronics STAC4933 Datasheet HTML 8Page - STMicroelectronics STAC4933 Datasheet HTML 9Page - STMicroelectronics STAC4933 Datasheet HTML 10Page - STMicroelectronics STAC4933 Datasheet HTML 11Page - STMicroelectronics STAC4933 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Marking, packing and shipping specifications
STAC4933
10/12
DocID022695 Rev 2
6
Marking, packing and shipping specifications
Figure 7. Marking layout
Table 9. Packing and shipping specifications
Order code
Packaging
Pcs per
tray
Dry pack
humidity
VGS and GFS
code
Lot code
STAC4933MR
Plastic tray
25
< 10 %
Not mixed
Not mixed
Table 10. Marking specifications
Symbol
Description
XX
VGS and GFS sort
CZ
Assembly plant
xxx
Last 3 digits of diffusion lot
VY
Diffusion plant
MAR
Country of origin
CZ
Test and finishing plant
y
Assembly year
yy
Assembly week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12