| Moteur de recherche de fiches techniques de composants électroniques |
|
STAC3933 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STAC3933 Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 14 page ![]() Package mechanical data STAC3933 10/14 Doc ID 022696 Rev 1 5 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 8. STAC177B mechanical data Dim mm inch Min. Typ. Max. Min. Typ. Max. A 5.72 5.97 0.225 0.235 B 6.73 6.99 0.265 0.275 C 21.84 22.10 0.860 0.870 D 28.70 28.96 1.130 1.140 E 28.02 1.103 F 0.10 0.15 0.004 0.006 G 0.81 0.032 H 1.45 1.70 0.057 0.067 I 5.79 6.15 0.228 0.242 J 27.43 28.45 1.080 1.120 K 15.01 15.27 0.591 0.601 |