| Moteur de recherche de fiches techniques de composants électroniques |
|
HAL1002 Fiches technique(PDF) 18 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL1002 Fiches technique(HTML) 18 Page - Micronas |
|
18 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 18 Sept. 19, 2013; APN000046_03EN Micronas 4.1. Definition of the Protocol The protocol and the commands in the emulation mode are exactly the same as those of the programmer board V 4.1. The general syntax is as follows (blanks are given for better readability only): PC Board: STX BCMD [CMD CP ADR AP] [DAT3 DAT2 DAT1 DAT0 DP] ETX Board PC: STX STATUS DAT3 DAT2 DAT1 DAT0 DP ETX The characters in brackets [...] are optional, depending on the board command BCOM. Table 4–1: Description of the characters Character Description STX ASCII character 2 ETX ASCII character 3 BCMD Board command CMD Command CP Command parity ADR Address AP Address parity DAT3 DAT2 DAT1 DAT0 Data characters, each encoding 4 bit in HEX format. Example: 0 1 f 0 (HEX) = 496 DP Data parity STATUS Status/error flag |