| Moteur de recherche de fiches techniques de composants électroniques |
|
HAL1002 Fiches technique(PDF) 76 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL1002 Fiches technique(HTML) 76 Page - Micronas |
|
76 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 76 Sept. 19, 2013; APN000046_03EN Micronas 6.4. Data Formats The protocol between the programmer board and the Hall sensor defines fixed lengths for the data, command, and address words to be transmitted: – Command (CMD): 3 bit – Address (ADR): 4 bit – Data (DAT): 14 bit – Command Parity (CP): 1 bit – Address Parity (AP): 1 bit – Data Parity (DP): 1 bit Reminder: For communication with the programmer board, the 14 data bits are encoded in four ASCII characters: DAT3, DAT2, DAT1, and DAT0. As every register has a different length, not all of the 14 bits are used. Furthermore, there is a difference between the write format (transfer Board IC) and the read for- mat (transfer IC Board). Table 6–6 shows which of the 14 bits are valid for each reg- ister (write format and read format). Table 6–6: Data formats Register Char DAT3 DAT2 DAT1 DAT0 Bit 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00 PART NUMBER Write Read V V V V V V V V V V V V V V V V V V V V V V SHIFT Write Read V V V V V V V V V V V V V V V V V V V V V V SLOPE Write Read V V V V V V V V V V V V V V V V V V V V V V V V V V V V MODE Write Read V V V V V V V V V V V V V V V V V V V V V V V V V V V V DIGITAL OUTPUT Read VVV VVVVVVVVVVV SPECIAL CUSTOMER Write Read V V V V V V V V V V V V TC Write Read (V) V V V V V V (V) V V V V V V TCSQ Write Read V V V V V V V V V V DEACTIVATE Write 1 00000001111 CURVE LOW Write Read V V V V V V V V V V V V V V V V V V CURVE HIGH Write Read V V V V V V V V V V V V V V V V V V OFFSET CORRECTION Write Read V V V V V V V V V V CURRENT SOURCE Write Read V V V V V V V V V V V V V V V V V V V V V: valid, (V): This bit must be ignored, : ignore, bit order: MSB first. |