Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-32EB Fiches technique(PDF) 5 Page - Copal Electronics

No de pièce ST-32EB
Description  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-32EB Fiches technique(HTML) 5 Page - Copal Electronics

  ST-32EB Datasheet HTML 1Page - Copal Electronics ST-32EB Datasheet HTML 2Page - Copal Electronics ST-32EB Datasheet HTML 3Page - Copal Electronics ST-32EB Datasheet HTML 4Page - Copal Electronics ST-32EB Datasheet HTML 5Page - Copal Electronics ST-32EB Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
ST-32EG
Side adjustment
※Note the terminal position.
1.5
0.5
3.6
Cross slot for a 0 bit driver, depth : 0.45
Resistance code 2 digits
Adjustment
0.2
3.5
2.4
1
2 – 0.6
31
2
t = 0.12
Production date code & Lead-free Identification mark
1 digit (Location reversed every 2 years)
ST-32EH
Side adjustment
1.5
0.5
3.6
Cross slot for a 0 bit driver, depth : 0.45
Resistance code 2 digits
Adjustment
0.2
3.5
2.4
1
2 – 0.6
3
1
2
t = 0.12
Production date code & Lead-free Identification mark
1 digit (Location reversed every 2 years)
CW rotation
1
2
3
ST-32
SURFACE MOUNT TRIMMERS



Html Pages

1 2 3 4 5 6