Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-32EB Fiches technique(PDF) 3 Page - Copal Electronics

No de pièce ST-32EB
Description  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-32EB Fiches technique(HTML) 3 Page - Copal Electronics

  ST-32EB Datasheet HTML 1Page - Copal Electronics ST-32EB Datasheet HTML 2Page - Copal Electronics ST-32EB Datasheet HTML 3Page - Copal Electronics ST-32EB Datasheet HTML 4Page - Copal Electronics ST-32EB Datasheet HTML 5Page - Copal Electronics ST-32EB Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.2
0.8
3.2
1.2
0
1.6
1.2
0.8
3.2
1.2
0
1.6
ST-32
SURFACE MOUNT TRIMMERS
■ MAXIMUM INPUT RATINGS
■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
Nominal resistance
values (
Ω)
Resistance code
Maximum input
voltage (V)
Maximum wiper
current (mA)
A
10
11
1.00
100
A
20
21
1.58
79.1
50
51
2.50
50.0
100
12
3.53
35.4
200
22
5.00
25.0
300
32
6.12
20.4
500
52
7.91
15.8
1 k
13
11.2
11.2
2 k
23
15.8
7.91
3 k
33
19.4
6.45
5 k
53
25.0
5.00
10 k
14
35.4
3.54
20 k
24
50.0
2.50
30 k
34
61.2
2.04
50 k
54
79.1
1.58
100 k
15
112
1.12
200 k
25
158
0.79
500 k
55
200
0.40
1 M
16
200
0.20
2 M
26
200
0.10
(Unit : mm)
ST-32EA, EG
ST-32EB, EH
Note) The zero point is the center of mounting.
For reflow soldering
The products indicated by
A mark are manufactured upon
receipt of order basis.



Html Pages

1 2 3 4 5 6