Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P87C51MB2BA Fiches technique(PDF) 34 Page - NXP Semiconductors

No de pièce P87C51MB2BA
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2BA Fiches technique(HTML) 34 Page - NXP Semiconductors

Back Button P87C51MB2BA Datasheet HTML 26Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 27Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 28Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 29Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 30Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 31Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 32Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 33Page - NXP Semiconductors P87C51MB2BA Datasheet HTML 34Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
Philips Semiconductors
Errata
P87C51MB2/P87C51MC2
Errata sheet
2001 Apr 06
2
Deviation #8
UART mode 0 receive data is sampled one clock later than standard 80C51 UARTS.
Work-around:
This requires an increased data hold time. This will be fixed on the next release.
Deviation #9
The PCA Watchdog timer function may not function properly at 24 MHz fOSC when the PCA Count Pulse
selection is set to “internal clock, fOSC/2”.
Work-around:
None. This will be fixed on the next release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34