| Moteur de recherche de fiches techniques de composants électroniques |
|
P87C51MB2BA Fiches technique(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87C51MB2BA Fiches technique(HTML) 23 Page - NXP Semiconductors |
|
23 / 34 page ![]() 2001 Apr 06 23 Philips Semiconductors Preliminary specification P87C51MB2/P87C51MC2 80C51 8-bit microcontroller family with extended memory 64KB/96KB OTP with 2KB/3KB RAM EXPLANATION OF AC SYMBOLS Each timing symbol has five characters. The first character is always ‘t’ (= time). The other characters, depending on their positions, indicate the name of a signal or the logical status of that signal. The designations are: A – Address C – Clock D – Input data H – Logic level high I – Instruction (program memory contents) L – Logic level low, or ALE P – PSEN Q – Output data R – RD signal t – Time V – Valid W– WR signal X – No longer a valid logic level Z – Float Examples: tAVLL - Time for address valid to ALE low. tLLPL - Time for ALE low to PSEN low Figure 1: External Program Memory Read Cycle (Non-Extended Memory Cycle) tPLIV tPLAZ tPXIX tLLAX tAVLL tPXIZ ALE PSEN PORT 0 PORT 2 A0-A7 INSTR IN P2.0-P2.7 OR A8-A15 A0-A7 tAVIV tLHLL tLLIV tPLPH tLLPL |