Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F411RET7 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STM32F411RET7
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RET7 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STM32F411RET7 Datasheet HTML 43Page - STMicroelectronics STM32F411RET7 Datasheet HTML 44Page - STMicroelectronics STM32F411RET7 Datasheet HTML 45Page - STMicroelectronics STM32F411RET7 Datasheet HTML 46Page - STMicroelectronics STM32F411RET7 Datasheet HTML 47Page - STMicroelectronics STM32F411RET7 Datasheet HTML 48Page - STMicroelectronics STM32F411RET7 Datasheet HTML 49Page - STMicroelectronics STM32F411RET7 Datasheet HTML 50Page - STMicroelectronics STM32F411RET7 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 149 page
background image
Table 9. Alternate function mapping
Port
AF00
AF01
AF02
AF03
AF04
AF05
AF06
AF07
AF08
AF09
AF10
AF11
AF12
AF13 AF14
AF15
SYS_AF
TIM1/TIM2
TIM3/
TIM4/ TIM5
TIM9/
TIM10/
TIM11
I2C1/I2C2/
I2C3
SPI1/I2S1S
PI2/
I2S2/SPI3/
I2S3
SPI2/I2S2/
SPI3/
I2S3/SPI4/
I2S4/SPI5/
I2S5
SPI3/I2S3/
USART1/
USART2
USART6
I2C2/
I2C3
OTG1_FS
SDIO
PA0
-
TIM2_CH1/
TIM2_ETR
TIM5_CH1
-
-
-
-
USART2_
CTS
--
-
-
-
-
-
EVENT
OUT
PA1
-
TIM2_CH2
TIM5_CH2
-
-
SPI4_MOSI
/I2S4_SD
-
USART2_
RTS
--
-
-
-
-
-
EVENT
OUT
PA2
-
TIM2_CH3
TIM5_CH3
TIM9_CH1
-
I2S2_CKIN
-
USART2_
TX
--
-
-
-
-
-
EVENT
OUT
PA3
-
TIM2_CH4
TIM5_CH4
TIM9_CH2
-
I2S2_MCK
-
USART2_
RX
--
-
-
-
-
-
EVENT
OUT
PA4
-
-
-
-
-
SPI1_NSS/I
2S1_WS
SPI3_NSS/I2
S3_WS
USART2_
CK
--
-
-
-
-
-
EVENT
OUT
PA5
-
TIM2_CH1/
TIM2_ETR
--
-
SPI1_SCK/I
2S1_CK
--
-
-
-
-
-
-
-
EVENT
OUT
PA6
-
TIM1_BKIN
TIM3_CH1
-
-
SPI1_MISO
I2S2_MCK
-
-
-
-
-
SDIO_
CMD
--
EVENT
OUT
PA7
-
TIM1_CH1N TIM3_CH2
-
-
SPI1_MOSI
/I2S1_SD
--
-
-
-
-
-
-
-
EVENT
OUT
PA8
MCO_1
TIM1_CH1
-
-
I2C3_
SCL
--
USART1_
CK
--
USB_FS_
SOF
-
SDIO_
D1
--
EVENT
OUT
PA9
-
TIM1_CH2
-
-
I2C3_
SMBA
--
USART1_
TX
--
USB_FS_
VBUS
-
SDIO_
D2
--
EVENT
OUT
PA10
-
TIM1_CH3
-
-
-
-
SPI5_MOSI/I
2S5_SD
USART1_
RX
--
USB_FS_
ID
--
-
-
EVENT
OUT
PA11
-
TIM1_CH4
-
-
-
-
SPI4_MISO
USART1_
CTS
USART6_
TX
-
USB_FS_
DM
--
-
-
EVENT
OUT
PA12
-
TIM1_ETR
-
-
-
-
SPI5_MISO
USART1_
RTS
USART6_
RX
-
USB_FS_
DP
--
-
-
EVENT
OUT
PA13
JTMS-
SWDIO
--
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PA14
JTCK-
SWCLK
--
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PA15
JTDI
TIM2_CH1/
TIM2_ETR
--
-
SPI1_NSS/I
2S1_WS
SPI3_NSS/I2
S3_WS
USART1_
TX
--
-
-
-
-
-
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More