Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F411RET7 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STM32F411RET7
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RET7 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STM32F411RET7 Datasheet HTML 37Page - STMicroelectronics STM32F411RET7 Datasheet HTML 38Page - STMicroelectronics STM32F411RET7 Datasheet HTML 39Page - STMicroelectronics STM32F411RET7 Datasheet HTML 40Page - STMicroelectronics STM32F411RET7 Datasheet HTML 41Page - STMicroelectronics STM32F411RET7 Datasheet HTML 42Page - STMicroelectronics STM32F411RET7 Datasheet HTML 43Page - STMicroelectronics STM32F411RET7 Datasheet HTML 44Page - STMicroelectronics STM32F411RET7 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 149 page
background image
DocID026289 Rev 6
41/149
STM32F411xC STM32F411xE
Pinouts and pin description
56
-
24
-
33
K5
PC4
I/O FT
-
EVENTOUT
ADC1_14
-
25
-
34
L5
PC5
I/O FT
-
EVENTOUT
ADC1_15
18
26
G5
35
M5
PB0
I/O FT
-
TIM1_CH2N,
TIM3_CH3,
SPI5_SCK/I2S5_CK,
EVENTOUT
ADC1_8
19
27
G4
36
M6
PB1
I/O FT
-
TIM1_CH3N,
TIM3_CH4,
SPI5_NSS/I2S5_WS,
EVENTOUT
ADC1_9
20
28
G3
37
L6
PB2
I/O FT
-
EVENTOUT
BOOT1
-
-
-
38
M7
PE7
I/O FT
-
TIM1_ETR,
EVENTOUT
-
-
-
-
39
L7
PE8
I/O FT
-
TIM1_CH1N,
EVENTOUT
-
-
-
-
40
M8
PE9
I/O FT
-
TIM1_CH1,
EVENTOUT
-
-
-
-
41
L8
PE10
I/O FT
-
TIM1_CH2N,
EVENTOUT
-
-
-
-
42
M9
PE11
I/O FT
-
TIM1_CH2,
SPI4_NSS/I2S4_WS,
SPI5_NSS/I2S5_WS,
EVENTOUT
-
-
-
-
43
L9
PE12
I/O FT
-
TIM1_CH3N,
SPI4_SCK/I2S4_CK,
SPI5_SCK/I2S5_CK,
EVENTOUT
-
-
-
-
44
M10 PE13
I/O FT
-
TIM1_CH3,
SPI4_MISO,
SPI5_MISO,
EVENTOUT
-
-
-
-
45
M11 PE14
I/O FT
-
TIM1_CH4,
SPI4_MOSI/I2S4_SD,
SPI5_MOSI/I2S5_SD,
EVENTOUT
-
-
-
-
46
M12 PE15
I/O FT
-
TIM1_BKIN,
EVENTOUT
-
Table 8. STM32F411xC/xE pin definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More