Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L476RC Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce STM32L476RC
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476RC Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button STM32L476RC Datasheet HTML 58Page - STMicroelectronics STM32L476RC Datasheet HTML 59Page - STMicroelectronics STM32L476RC Datasheet HTML 60Page - STMicroelectronics STM32L476RC Datasheet HTML 61Page - STMicroelectronics STM32L476RC Datasheet HTML 62Page - STMicroelectronics STM32L476RC Datasheet HTML 63Page - STMicroelectronics STM32L476RC Datasheet HTML 64Page - STMicroelectronics STM32L476RC Datasheet HTML 65Page - STMicroelectronics STM32L476RC Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 232 page
background image
Pinouts and pin description
STM32L476xx
62/232
DocID025976 Rev 4
---
20
-
31
VREF-
S
-
-
-
-
12 G9 G9
-
J1
-
VSSA/VREF-
-
-
-
-
-
-G8 G8 21
L1
32
VREF+
S
-
-
-
VREFBUF_
OUT
-
H9 H9
22
M1
33
VDDA
S
-
-
-
-
13
-
-
-
-
-
VDDA/VREF+
S
-
-
-
-
14 H8 H8
23
L2
34
PA0
I/O
FT_a
-
TIM2_CH1, TIM5_CH1,
TIM8_ETR, USART2_CTS,
UART4_TX,
SAI1_EXTCLK,
TIM2_ETR, EVENTOUT
OPAMP1_
VINP,
ADC12_IN5,
RTC_TAMP
2/WKUP1
---
-
M3
-
OPAMP1_VINM
I
TT
-
-
-
15 G4 G4 24
M2
35
PA1
I/O
FT_la
-
TIM2_CH2, TIM5_CH2,
USART2_RTS_DE,
UART4_RX, LCD_SEG0,
TIM15_CH1N, EVENTOUT
OPAMP1_
VINM,
ADC12_IN6
16 G6 G6 25
K3
36
PA2
I/O
FT_la
-
TIM2_CH3, TIM5_CH3,
USART2_TX, LCD_SEG1,
SAI2_EXTCLK,
TIM15_CH1, EVENTOUT
ADC12_IN7,
WKUP4/
LSCO
17 H7 H7
26
L3
37
PA3
I/O
TT
-
TIM2_CH4, TIM5_CH4,
USART2_RX, LCD_SEG2,
TIM15_CH2, EVENTOUT
OPAMP1_
VOUT,
ADC12_IN8
18 J9 J9
27
E3
38
VSS
S
-
-
-
-
19 J8 J8
28
H3
39
VDD
S
-
-
-
-
20 G5 G5 29
J4
40
PA4
I/O
TT_a
-
SPI1_NSS, SPI3_NSS,
USART2_CK, SAI1_FS_B,
LPTIM2_OUT, EVENTOUT
ADC12_
IN9, DAC1_
OUT1
21 H6 H6
30
K4
41
PA5
I/O
TT_a
-
TIM2_CH1, TIM2_ETR,
TIM8_CH1N, SPI1_SCK,
LPTIM2_ETR, EVENTOUT
ADC12_
IN10,
DAC1_
OUT2
22 H5 H5
31
L4
42
PA6
I/O
FT_la
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN, SPI1_MISO,
USART3_CTS,
QUADSPI_BK1_IO3,
LCD_SEG3,
TIM1_BKIN_COMP2,
TIM8_BKIN_COMP2,
TIM16_CH1, EVENTOUT
OPAMP2_
VINP,
ADC12_
IN11
Table 15. STM32L476xxSTM32L476xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More