Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L476VE Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STM32L476VE
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VE Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STM32L476VE Datasheet HTML 61Page - STMicroelectronics STM32L476VE Datasheet HTML 62Page - STMicroelectronics STM32L476VE Datasheet HTML 63Page - STMicroelectronics STM32L476VE Datasheet HTML 64Page - STMicroelectronics STM32L476VE Datasheet HTML 65Page - STMicroelectronics STM32L476VE Datasheet HTML 66Page - STMicroelectronics STM32L476VE Datasheet HTML 67Page - STMicroelectronics STM32L476VE Datasheet HTML 68Page - STMicroelectronics STM32L476VE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 232 page
background image
DocID025976 Rev 4
65/232
STM32L476xx
Pinouts and pin description
92
---
45 M11
67
PE14
I/O
FT
-
TIM1_CH4, TIM1_BKIN2,
TIM1_BKIN2_COMP2,
SPI1_MISO,
QUADSPI_BK1_IO2,
FMC_D11, EVENTOUT
-
---
46 M12
68
PE15
I/O
FT
-
TIM1_BKIN,
TIM1_BKIN_COMP1,
SPI1_MOSI,
QUADSPI_BK1_IO3,
FMC_D12, EVENTOUT
-
29 H3 H3
47
L10
69
PB10
I/O
FT_fl
-
TIM2_CH3, I2C2_SCL,
SPI2_SCK,
DFSDM_DATIN7,
USART3_TX,
LPUART1_RX,
QUADSPI_CLK,
LCD_SEG10,
COMP1_OUT,
SAI1_SCK_A, EVENTOUT
-
30 G3 G3 48
L11
70
PB11
I/O
FT_fl
-
TIM2_CH4, I2C2_SDA,
DFSDM_CKIN7,
USART3_RX,
LPUART1_TX,
QUADSPI_NCS,
LCD_SEG11,
COMP2_OUT, EVENTOUT
-
31 J2 J2
49
F12
71
VSS
S
-
-
-
-
32 J1 J1
50 G12
72
VDD
S
-
-
-
-
33 H1 H1
51
L12
73
PB12
I/O
FT_l
-
TIM1_BKIN,
TIM1_BKIN_COMP2,
I2C2_SMBA, SPI2_NSS,
DFSDM_DATIN1,
USART3_CK,
LPUART1_RTS_DE,
TSC_G1_IO1,
LCD_SEG12,
SWPMI1_IO, SAI2_FS_A,
TIM15_BKIN, EVENTOUT
-
Table 15. STM32L476xxSTM32L476xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More