| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L476VE Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476VE Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 232 page ![]() Pinouts and pin description STM32L476xx 64/232 DocID025976 Rev 4 --- - J9 55 PF15 I/O FT - TSC_G8_IO2, FMC_A9, EVENTOUT - - - - - H9 56 PG0 I/O FT - TSC_G8_IO3, FMC_A10, EVENTOUT - - - - - G9 57 PG1 I/O FT - TSC_G8_IO4, FMC_A11, EVENTOUT - - - E6 38 M7 58 PE7 I/O FT - TIM1_ETR, DFSDM_DATIN2, FMC_D4, SAI1_SD_B, EVENTOUT - - - F6 39 L7 59 PE8 I/O FT - TIM1_CH1N, DFSDM_CKIN2, FMC_D5, SAI1_SCK_B, EVENTOUT - --- 40 M8 60 PE9 I/O FT - TIM1_CH1, DFSDM_CKOUT, FMC_D6, SAI1_FS_B, EVENTOUT - --- - F6 61 VSS S - - - - --- - G6 62 VDD S - - - - - - - 41 L8 63 PE10 I/O FT - TIM1_CH2N, DFSDM_DATIN4, TSC_G5_IO1, QUADSPI_CLK, FMC_D7, SAI1_MCLK_B, EVENTOUT - --- 42 M9 64 PE11 I/O FT - TIM1_CH2, DFSDM_CKIN4, TSC_G5_IO2, QUADSPI_NCS, FMC_D8, EVENTOUT - - - - 43 L9 65 PE12 I/O FT - TIM1_CH3N, SPI1_NSS, DFSDM_DATIN5, TSC_G5_IO3, QUADSPI_BK1_IO0, FMC_D9, EVENTOUT - --- 44 M10 66 PE13 I/O FT - TIM1_CH3, SPI1_SCK, DFSDM_CKIN5, TSC_G5_IO4, QUADSPI_BK1_IO1, FMC_D10, EVENTOUT - Table 15. STM32L476xxSTM32L476xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |