Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NSC800 Fiches technique(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Fiches technique(HTML) 18 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 14Page - National Semiconductor (TI) NSC800 Datasheet HTML 15Page - National Semiconductor (TI) NSC800 Datasheet HTML 16Page - National Semiconductor (TI) NSC800 Datasheet HTML 17Page - National Semiconductor (TI) NSC800 Datasheet HTML 18Page - National Semiconductor (TI) NSC800 Datasheet HTML 19Page - National Semiconductor (TI) NSC800 Datasheet HTML 20Page - National Semiconductor (TI) NSC800 Datasheet HTML 21Page - National Semiconductor (TI) NSC800 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
90 Timing and Control (Continued)
Figure 10 shows the timing for memory read (other than
opcode fetchs) and write cycles with and without a wait
state The RD stobe is widened by
t
2
(half the machine
state) for memory reads so that the actual latching of the
input data occurs later
Figure 11 shows the timing for input and output cycles with
and without wait states The CPU automatically inserts one
wait state into each IO instruction to allow sufficient time
for an IO port to decode the address
TLC5171 – 19
FIGURE 11a Input and Output Cycles without WAIT States
TLC5171 – 20
WAIT state automatically inserted during IO operation
FIGURE 11b Input and Output Cycles with WAIT States
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76