Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NSC800 Fiches technique(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Fiches technique(HTML) 10 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 6Page - National Semiconductor (TI) NSC800 Datasheet HTML 7Page - National Semiconductor (TI) NSC800 Datasheet HTML 8Page - National Semiconductor (TI) NSC800 Datasheet HTML 9Page - National Semiconductor (TI) NSC800 Datasheet HTML 10Page - National Semiconductor (TI) NSC800 Datasheet HTML 11Page - National Semiconductor (TI) NSC800 Datasheet HTML 12Page - National Semiconductor (TI) NSC800 Datasheet HTML 13Page - National Semiconductor (TI) NSC800 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
80 Functional Description
This section reviews the CPU architecture shown below fo-
cusing on the functional aspects from a hardware perspec-
tive including timing details
As illustrated in
Figure 1 the NSC800 is an 8-bit parallel
device The major functional blocks are the ALU register
array interrupt control timing and control logic These areas
are connected via the 8-bit internal data bus Detailed de-
scriptions of these blocks ae provided in the following sec-
tions
TLC5171 – 9
Note
Applicable pinout for 40-pin
dual-in-line package within parentheses
FIGURE 1 NSC800 CPU Functional Block Diagram
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76