| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303CB Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303CB Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 148 page ![]() Pinouts and pin description STM32F303xB STM32F303xC 42/148 DocID023353 Rev 13 B5 90 56 40 PB4 I/O FT - SPI3_MISO, I2S3ext_SD, SPI1_MISO, USART2_RX, TIM3_CH1, TIM16_CH1, TIM17_BKIN, TIM8_CH2N, TSC_G5_IO2, NJTRST, EVENTOUT - A6 91 57 41 PB5 I/O FT - SPI3_MOSI, SPI1_MOSI, I2S3_SD, I2C1_SMBA, USART2_CK, TIM16_BKIN, TIM3_CH2, TIM8_CH3N, TIM17_CH1, EVENTOUT - B6 92 58 42 PB6 I/O FTf - I2C1_SCL, USART1_TX, TIM16_CH1N, TIM4_CH1, TIM8_CH1,TSC_G5_IO3, TIM8_ETR, TIM8_BKIN2, EVENTOUT - C5 93 59 43 PB7 I/O FTf - I2C1_SDA, USART1_RX, TIM3_CH4, TIM4_CH2, TIM17_CH1N, TIM8_BKIN, TSC_G5_IO4, EVENTOUT - A7 94 60 44 BOOT0 I B - Boot memory selection D5 95 61 45 PB8 I/O FTf - I2C1_SCL, CAN_RX, TIM16_CH1, TIM4_CH3, TIM8_CH2, TIM1_BKIN, TSC_SYNC, COMP1_OUT, EVENTOUT - C6 96 62 46 PB9 I/O FTf - I2C1_SDA, CAN_TX, TIM17_CH1, TIM4_CH4, TIM8_CH3, IR_OUT, COMP2_OUT, EVENTOUT - B7 97 - - PE0 I/O FT (1) USART1_TX, TIM4_ETR, TIM16_CH1, EVENTOUT - A8 98 - - PE1 I/O FT (1) USART1_RX, TIM17_CH1, EVENTOUT - C7 99 63 47 VSS S - - Ground A9, A10, B10, B8 100 64 48 VDD S - - Digital power supply Table 13. STM32F303xB/STM32F303xC pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |