| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303CB Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303CB Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 148 page ![]() Pinouts and pin description STM32F303xB STM32F303xC 36/148 DocID023353 Rev 13 C9 722 PC13(2) I/O TC - TIM1_CH1N WKUP2, RTC_TAMP1, RTC_TS, RTC_OUT C10 833 PC14(2) OSC32_IN (PC14) I/O TC - - OSC32_IN D9 944 PC15(2) OSC32_ OUT (PC15) I/O TC - - OSC32_OUT D10 10 - - PF9 I/O FT (1) TIM15_CH1, SPI2_SCK, EVENTOUT - E10 11 - - PF10 I/O FT (1) TIM15_CH2, SPI2_SCK, EVENTOUT - F10 12 5 5 PF0- OSC_IN (PF0) I/O FTf - TIM1_CH3N, I2C2_SDA, OSC_IN F9 13 6 6 PF1- OSC_OUT (PF1) I/O FTf - I2C2_SCL OSC_OUT E9 14 7 7 NRST I/O RS T Device reset input / internal reset output (active low) G10 15 8 - PC0 I/O TTa (1) EVENTOUT ADC12_IN6, COMP7_INM G9 16 9 - PC1 I/O TTa (1) EVENTOUT ADC12_IN7, COMP7_INP G8 17 10 - PC2 I/O TTa (1) COMP7_OUT, EVENTOUT ADC12_IN8 H10 18 11 - PC3 I/O TTa (1) TIM1_BKIN2, EVENTOUT ADC12_IN9 E8 19 - - PF2 I/O TTa (1) EVENTOUT ADC12_IN10 H8 20 12 8 VSSA/ VREF- S - - Analog ground/Negative reference voltage J8 21 - - VREF+(3) S - - Positive reference voltage J10 22 - - VDDA S - - Analog power supply -- 13 9 VDDA/ VREF+ S - - Analog power supply/Positive reference voltage H9 23 14 10 PA0 I/O TTa (4) USART2_CTS, TIM2_CH1_ETR,TIM8_BKIN, TIM8_ETR,TSC_G1_IO1, COMP1_OUT, EVENTOUT ADC1_IN1, COMP1_INM, RTC_ TAMP2, WKUP1, COMP7_INP Table 13. STM32F303xB/STM32F303xC pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |