Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMMMPL Fiches technique(PDF) 4 Page - Pulse A Technitrol Company

No de pièce LMMMPL
Description  CABLE ASSEMBLIES/MOUNTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSE [Pulse A Technitrol Company]
Site Internet  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LMMMPL Fiches technique(HTML) 4 Page - Pulse A Technitrol Company

  LMMMPL Datasheet HTML 1Page - Pulse A Technitrol Company LMMMPL Datasheet HTML 2Page - Pulse A Technitrol Company LMMMPL Datasheet HTML 3Page - Pulse A Technitrol Company LMMMPL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
40
www.pulseelectronics.com/products/antennas
CABLE ASSEMBLIES/MOUNTS
LM MOuNts
Model
coax
connector
LMKNOCONN
CX (RG-58A/U)
No Conn
LMKFME
CX (RG-58A/U)
FME
LMK
CX (RG-58A/U)
PL-259
LMKDS
DS (RG-58A/U Dual Shield)
No Conn
LMKDSFME
DS (RG-58A/U Dual Shield)
FME
LMKUD
UD (RG-58U Dual Shield)
No Conn
LMKUDFME
UD (RG-58U Dual Shield)
FME
LMMM MagNetic MOuNts
LM magnetic mounts have the following specifications:
Size:
3.5” x 3”
Cable Length:
12’
Type:
5/16” x 24 THDS
Pull Strength:
50 lbs
Model
coax
connector
LMMMFME
CX (RG-58A/U)
FME Crimp
LMMMMPL
CX (RG-58A/U)
MPL Crimp
LMMM
CX (RG-58A/U)
58FCP
LMMMBNC
CX (RG-58A/U)
BNC Crimp
LMMMPL
CX (RG-58A/U)
PL-259
LMMMDS
DS (RG-58A/U Dual Shield)
No Conn
LMMMSDFME
DS (RG-58A/U Dual Shield)
FME
LM truNk Lid MOuNts
LM trunk lid mounts have the following specifications:
Size:
2.5” x 2”
Cable Length:
17’
Type:
5/16” x 24 THDS
Model
coax
connector
LMTLP
CX (RG-58A/U)
PL-259
LMTLPDS
DS (RG-58A/U Dual Shield)
Order Separately
PO MOuNts
Model
coax
connector
POKNOCONN
CX (RG-58A/U)
No Conn
PO MagNetic MOuNts
PO magnetic mounts have the following specifications:
Size:
3.5” x 3”
Cable Length:
12’
Type:
SO-239 Female
Pull Strength:
50 lbs
Model
coax
connector
POMM
CX (RG-58A/U)
58FCP



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com