Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMMMPL Fiches technique(PDF) 1 Page - Pulse A Technitrol Company

No de pièce LMMMPL
Description  CABLE ASSEMBLIES/MOUNTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSE [Pulse A Technitrol Company]
Site Internet  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LMMMPL Fiches technique(HTML) 1 Page - Pulse A Technitrol Company

  LMMMPL Datasheet HTML 1Page - Pulse A Technitrol Company LMMMPL Datasheet HTML 2Page - Pulse A Technitrol Company LMMMPL Datasheet HTML 3Page - Pulse A Technitrol Company LMMMPL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 800 ANTENNA (268-3662)
37
CABLE ASSEMBLIES/MOUNTS
All Larsen NMOHF (high frequency 27 MHz to 6 GHz) mounts convert
from low frequency applications to high frequency applications and
back by pulling or replacing the center pin and insulator.
NMOHF mounts require a 3/4” hole for mounting and include 17’ of
coax.
NMOHF mounts accommodate roof surfaces from 0.1” to .03”.
NMOHFTHK (thick) mounts accommodates roof surfaces up to
1/2” thick.
NMO 3/4” HigH frequeNcy MOuNts
Model
coax
connector
NMOKHFCX
CX (RG-58A/U)
No Conn
NMOKHFCXFME
CX (RG-58A/U)
FME CRIMP
NMOKHFCXMPL
CX (RG-58A/U)
MPL
NMOKHFCXPL
CX (RG-58A/U)
PL-259
NMOKHFDS
DS (RG-58A/U Dual Shield)
No Conn
NMOKHFUD
UD (RG-58U Dual Shield)
No Conn
NMOKHFUDFME
UD (RG-58U Dual Shield)
FME
NMOKHFUDMPL
UD (RG-58U Dual Shield)
MPL
NMOKHFUDSMA
UD (RG-58U Dual Shield)
SMA
NMOKHFUDTNC
UD (RG-58U Dual Shield)
TNC
NMOKHF200SMAI
LMR200
SMA Installed
NMO 3/4” HigH frequeNcy tHick MOuNts
Model
coax
connector
NMOKHFCXTHK
CX (RG-58A/U)
No Conn
NMOKHFDSTHK
DS (RG-58A/U Dual Shield)
No Conn
NMOHF Thick Mount
Low Frequency
Configuration
NMOHF Mount
High Frequency
Configuration
NMOHF Mount
Low Frequency
Configuration
NMO 3/4” staNdard MOuNts
NMO 3/4” standard mounts require a 3/4” hole for mounting and include 17’ of coax.
Model
coax
connector
NMOKNOCONN
CX (RG-58A/U)
No Conn
NMOK
CX (RG-58A/U)
PL-259
NMOKFME
CX (RG-58A/U)
FME
NMOKMPL
CX (RG-58A/U)
MPL Crimp
NMOKDS
DS (RG-58A/U Dual Shield)
No Conn
NMOKDSFME
DS (RG-58A/U Dual Shield)
FME
NMOKUD
UD (RG-58U Dual Shield)
No Conn
NMOKUDFME
UD (RG-58U Dual Shield)
FME
NMOKUDPL
UD (RG-58U Dual Shield)
PL-259T
NMOKUDTNC
UD (RG-58U Dual Shield)
TNC
If your antenna has a “tab” or “pin” connector, use the
NMOHF mount in the low frequency configuration - leave
the center pin and insulator in place as it arrives from the
factory.
If your antenna has a “high frequency” (HF) connector, use
the NMOHF mount in the high frequency configuration -
remove the center pin and insulator.
“Pin”
connector
“Tab”
connector
“HF”
connector
NMOHF Thick Mount
High Frequency
Configuration


Numéro de pièce similaire - LMMMPL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMM104RM0 TI2-LMM104RM0 Datasheet
405Kb / 3P
LMM104RM0 Regulated 48V − 12V Intermediate Bus Converter
SEPTEMBER 2025
LMM104RM0EUX TI2-LMM104RM0EUX Datasheet
405Kb / 3P
LMM104RM0 Regulated 48V − 12V Intermediate Bus Converter
SEPTEMBER 2025
logo
Bel Fuse Inc.
LMM409 BEL-LMM409 Datasheet
2Mb / 16P
Standard output voltages of 1.5 to 54 VDC
logo
List of Unclassifed Man...
LMM83S018C2N ETC1-LMM83S018C2N Datasheet
8Mb / 25P
LMM83S018C2N
logo
Taiyo Yuden (U.S.A.), I...
LMMCA160808T180NG TAIYO-YUDEN-LMMCA160808T180NG Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LMMC/LMMG series for Medical Devices classified as GHTF Class C (Japan Class III)
2025.09.22
More results

Description similaire - LMMMPL

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
Cable Assemblies
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
SUPER-GRIP??Cable Ties & Cable Tie Mounts
logo
List of Unclassifed Man...
4D10 ETC2-4D10 Datasheet
137Kb / 1P
Cable and Wire Mounts
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
Flat Cable Assemblies
logo
PANDUIT CORP.
PUM-049-M30 PANDUIT-PUM-049-M30 Datasheet
115Kb / 3P
Push Mounts and Assemblies
logo
Pasternack Enterprises,...
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
RF Cable Assemblies
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
RF Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com