| Moteur de recherche de fiches techniques de composants électroniques |
|
MM58342N Fiches technique(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM58342N Fiches technique(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 7 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Voltage at Any Input Pin V DD + 0.3V to V SS −0.3V Voltage at Any Display Pin V DD to VDD −36.5V V DD +|VDIS| 36.5V Storage Temperature −65˚C to +150˚C Power Dissipation at 25˚C Molded DIP Package, Board Mount 2.03W (Note 2) Molded DIP Package, Socket Mount 1.83W (Note 3) Junction Temperature 130˚C Lead Temperature (Soldering, 10 sec.) 260˚C Operating Conditions Min Max Units Supply Voltage (V DD) V SS = 0V 4.5 5.5 V Display Voltage (V DIS) −30 −10 V Temperature Range −40 +85 ˚C Electrical Characteristics T A = −40˚C to +85˚C, VDD =5V ±0.5V, VSS = 0V unless otherwise specified Symbol Parameter Conditions Min Typ Max Units Power Supply Currents I DD V IN =VSS or VDD,VSS = 0V, V DIS Disconnected 150 µA I DIS V DD = 5.5V, VSS = 0V, VDIS = −30V All Outputs Low 10 mA Input Logic Levels DATA IN, CLOCK ENABLE, BLANK V IL Logic “0” 0.8 V V IH Logic “1” (Note 4) 2.4 V Data Output Logic Levels V OL Logic “0” I OUT = 400 µA 0.4 V V OH Logic “1” I OUT = −10 µA V DD −0.5 V V OH Logic “1” I OUT = −500 µA 2.8 V I IN Input Currents DATA IN, CLOCK ENABLE, BLANK V IN = 0VorVDD −10 10 µA C IN Input Capacitance DATA IN, CLOCK ENABLE, BLANK 15 pF Display Output Impedances V DD = 5.5V, VSS =0V R OFF Output Off ( Figure 3)V DIS = −10V 55 250 k Ω V DIS = −20V 60 300 k Ω V DIS = −30V 65 400 k Ω R ON Output On ( Figure 4)V DIS = −10V 700 800 Ω V DIS = −20V 600 750 Ω V DIS = −30V 500 680 Ω V DOL Display Output Low Voltage V DD = 5.5V, IOUT = Open Circuit, −30V ≤ V DIS ≤ −10V V DIS V DIS +2 V AC Electrical Characteristics T A = −40˚C to +85˚C, VDD =5V ±0.5V Symbol Parameter Conditions Min Typ Max Units Clock Input (Notes 6, 7) f C Frequency 800 kHz t H High Time 300 ns t L Low Time 300 ns Data Input t DS Set-Up Time 100 ns t DH Hold Time 100 ns www.national.com 2 |