| Moteur de recherche de fiches techniques de composants électroniques |
|
MM58342N Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM58342N Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 7 page ![]() MM58342 High Voltage Display Driver General Description The MM58342 is a monolithic MOS integrated circuit utilizing CMOS metal gate low threshold P- and N-channel devices. It is available both in 28-pin molded dual-in-line packages or as dice. The MM58342 is particularly suited for driving high voltage (35V max) vacuum fluorescent (VF) displays (e.g., a 20-digit alphanumeric or dot matrix display). Applications n COPS™ or microprocessor-driven displays n Instrumentation readouts n Industrial control indicator n Digital clock, thermostat, counter, voltmeter n Word processor text displays n Automotive dashboards Features n Direct interface to high voltage display n Serial data input n No external resistors required n Wide display power supply operation n LSTTL compatible inputs n Software compatible with NS display driver family n Compatible with alphanumeric or dot matrix displays n Display blanking control input n Simple to cascade Block Diagram 00792501 FIGURE 1. February 1995 © 2001 National Semiconductor Corporation DS007925 www.national.com |
Numéro de pièce similaire - MM58342N |
|
Description similaire - MM58342N |