Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPAT2405 Fiches technique(PDF) 2 Page - Toppower Electronic Technology Limited

No de pièce TPAT2405
Description  1W 3KVDC Isolated Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT2405 Fiches technique(HTML) 2 Page - Toppower Electronic Technology Limited

  TPAT2405 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT2405 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT2405 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT2405 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPAT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 4
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
680mW
Input voltage Vin, TPAT03
5.5V
Input voltage Vin, TPAT05
7V
Input voltage Vin, TPAT12
15V
Input voltage Vin, TPAT15
18V
Input voltage Vin, TPAT24
28V
All specifications typical at TA=25℃, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40℃ to 85℃
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation(10% load to rated load)
0303 & 0503
9
%
Load Regulation(10% load to rated load)
5V output
9
%
Load Regulation(10% load to rated load)
0309
9.0
%
Load Regulation(10% load to rated load)
0509,1209 & 2409
7
%
Load Regulation(10% load to rated load)
0312 & 0315
12
%
Load Regulation(10% load to rated load)
0512,1212 & 2412
7
%
Load Regulation(10% load to rated load)
0515,1215,1515 & 2415
7
%
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
℃
Storage
-55
125
℃
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
Tolerance Envelope 3.3V output types
All other types
Output Load Current(%)
+9%
+1%
V
NOM
-7%
-7%
+1%
-15%
100
75
50
25
10
Typical Load Lin
e
O utput Load Current(% )
+ 10%
+5%
V
NO M
-2.5%
+2.5%
-7.5%
100
75
50
25
10
Typical Load L
ine
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com