Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPAT2405 Fiches technique(PDF) 3 Page - Toppower Electronic Technology Limited

No de pièce TPAT2405
Description  1W 3KVDC Isolated Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT2405 Fiches technique(HTML) 3 Page - Toppower Electronic Technology Limited

  TPAT2405 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT2405 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT2405 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT2405 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPAT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 4
MECHANICAL DIMENSIONS
PIN CONNECTIONS
10 PIN SMD
Pin
Function
Add suffix “X” function
1
-Vin
-Vin
3
+Vin
+Vin
5
NA
No Pin
7
OV
OV
9
-Vout
-Vout
10
NA
No Pin
12
+Vout
+Vout
14
NA
No Pin
16
NA
No Pin
18
NA
NA
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in mm±0.5mm.
Tube length: 475mm±2.0mm
Tube Quantity: 25PCS
SMD Package
All dimensions in mm ±0.25mm. All pins on a 2.54 pitch.
Weight: 1.53g
NA - Not available for electrical connection.
( Magnification of A )
S SEATING PLANE
0.15 S
16.24
10.16
8.00 11.00±0.2
3.04
2.54
0.60
0.25
7.00±0.5
11.00
5.50
5.50
1.50±0.1
0.25
TPAT0505
YYWW
13
57 9
18 16 14 12 10
TOPPOWER
11.60
1.00
1.60
10.16
2.54
0.60MAX
16.00
6.60
11.60
2.00
4.00
1.50
+0.10
-0.00
1.75
14.20
32.00±0.30
13.20
330MAX
13.00±0.25
38.4MAX
32.0
100.00MIN
0.60± 0.15
10.40
3.80
14.95
5.3
TOPPOWER



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com