Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILA7056SH Fiches technique(PDF) 3 Page - Integral Corp.

No de pièce ILA7056SH
Description  3 W Mono BTL Audio Output Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEGRAL [Integral Corp.]
Site Internet  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA7056SH Fiches technique(HTML) 3 Page - Integral Corp.

  ILA7056SH Datasheet HTML 1Page - Integral Corp. ILA7056SH Datasheet HTML 2Page - Integral Corp. ILA7056SH Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ILA7056SH
3
INTEGRAL
CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Vp
operating supply voltage
3
11
18
V
IQRM
repetitive peak output current
-
-
0.6
A
IP
total quiescent current
-
5
7
mA
PO
output power
THD= 10%
2.5
3
-
W
THD
total harmonic distortion
Po = 0.5 W
-
0.25
1
GV
voltage gain
39
40.5
42
dB
Vno
noise output voltage
note 2
-
180
300
uV
Vno
noise output voltage
note 3
-
60
-
[JV
frequency response
-
20 to
20.000
-Hz
RR
ripple rejection
note 4
36
50
-
dB
AV
DC-output offset voltage
note 5
-
-
200
mV
IZJ
input impedance
-
100
-
kii
1,
input bias current
-
100
300
nA
Notes to the characteristics
1. With a load connected to the outputs the quiescent current will increase, the maximum value of this increase being equal to
the DC output offset voltage divided by RL .
2. The noise output voltage (RMS value) is measured with RS = 5 kW unweighted (20 Hz to 20 kHz).
3. The noise output voltage (RMS value) at f = 500 kHz is measured with RS = 0 W and bandwidth = 5 kHz. With a practical
load (RL = 16 W, LL = 200 mH) the noise output current is only 50 nA.
4. The ripple rejection is measured with RS = 0 W and f = 100 Hz to 10 kHz. The ripple voltage (200 mV) is applied to the
positive supply rail.
5. RS = 5 kW.



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com