Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILA7056SH Fiches technique(PDF) 2 Page - Integral Corp.

No de pièce ILA7056SH
Description  3 W Mono BTL Audio Output Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEGRAL [Integral Corp.]
Site Internet  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA7056SH Fiches technique(HTML) 2 Page - Integral Corp.

  ILA7056SH Datasheet HTML 1Page - Integral Corp. ILA7056SH Datasheet HTML 2Page - Integral Corp. ILA7056SH Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ILA7056SH
2
INTEGRAL
PIN
DESCRIPTION
1n.c.
2VP
3
input(+)
4
signal ground
5n.c.
6
output(+)
7
power ground
8
output(-)
9n.c.
FUNCTIONAL DESCRIPTION
The ILA7056SH is a mono output amplifier, designed for battery-fed portable radios and mains-fed equipment such as
television. For space reasons there is a trend to decrease the number of external components. For portable applications there
is also a trend to decrease the number of battery cells, but still a reasonable output power is required.
The ILA7056SH fulfills both of these requirements. It needs no peripheral components, because it makes use of the Bridge-
Tied-Load (BTL) principle. Consequently it has, at the same supply voltage, a higher output power compared to a conventional
Single Ended output stage. It delivers an output power of 1 W into a loudspeaker load of 8 W with 6 V supply or 3 W into 16 W
loudspeaker at 11 V without need of an external heatsink. The gain is internally fixed at 40 dB. Special attention is given to
switch-on/off click suppression, and it has a good overall stability. The load can be short circuited at all input conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Vp
supply voltage
-
18
V
iorm
Peak output current repetitive
-
1
A
iosm
Peak output current non-repetitive
-
1.5
A
Tstg
storage temperature range
-55
150
°C
Tj
junction temperature
-
150
°C
Plot
total power dissipation
T^se < 60 •••C
-
9
W
Tsc
short circuiting time
see note 1
-
1
hr
Note
1. The load can be short-circuited at all input conditions.
SYMBOL
PARAMETER
NOM.
UNIT
hibk
from junction to case
10
K/W
Rtll.a
from junction to ambient in free air
55
K/W
POWER DISSIPATION
Assume: VP = 11 V; RL = 16 W.
The maximum sine-wave dissipation is 1.52 W.
The Rth j-a of the package is 55 K/W.
Tamb max = 150 - 55 ´ 1.52 = 66.4 °C.



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com