Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBCFG01 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 29Page - STMicroelectronics STBCFG01 Datasheet HTML 30Page - STMicroelectronics STBCFG01 Datasheet HTML 31Page - STMicroelectronics STBCFG01 Datasheet HTML 32Page - STMicroelectronics STBCFG01 Datasheet HTML 33Page - STMicroelectronics STBCFG01 Datasheet HTML 34Page - STMicroelectronics STBCFG01 Datasheet HTML 35Page - STMicroelectronics STBCFG01 Datasheet HTML 36Page - STMicroelectronics STBCFG01 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
STBCFG01
Package information
DocID026474 Rev 3
33/37
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
Flip Chip 25 (2.3x2.2 mm) option H package information
Figure 10: Flip Chip 25 (2.3x 2.2 mm) option H package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37