| Moteur de recherche de fiches techniques de composants électroniques |
|
S2-LP Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LP Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 90 page ![]() S2-LP List of tables DocID029944 Rev 1 5/90 List of tables Table 1: Device summary ...........................................................................................................................1 Table 2: Description of the external components of the typical application diagrams..............................12 Table 3: Pinout..........................................................................................................................................13 Table 4: Absolute maximum ratings .........................................................................................................15 Table 5: Operating range ..........................................................................................................................15 Table 6: Thermal data...............................................................................................................................15 Table 7: Low-power states power consumption .......................................................................................16 Table 8: Power consumption in reception TA = 25°C, VDD = 3.0 V, fc = 868 MHz .................................16 Table 9: Power consumption in transmission fc= 920 MHz......................................................................16 Table 10: Power consumption in transmission fc= 868 MHz....................................................................17 Table 11: Power consumption in transmission fc= 434 MHz....................................................................17 Table 12: General characteristics .............................................................................................................17 Table 13: Data rate with different coding options .....................................................................................17 Table 14: Frequency synthesizer parameters ..........................................................................................18 Table 15: Crystal oscillator characteristics ...............................................................................................19 Table 16: Ultra-low power RC oscillator ...................................................................................................19 Table 17: RF receiver characteristics .......................................................................................................20 Table 18: Blocking and selectivity at 433 MHz .........................................................................................20 Table 19: Sensitivity at 433 MHz ..............................................................................................................21 Table 20: Blocking and selectivity at 868 MHz .........................................................................................21 Table 21: Sensitivity at 868 MHz ..............................................................................................................22 Table 22: Blocking and selectivity at 920 MHz .........................................................................................22 Table 23: Sensitivity at 920 MHz ..............................................................................................................23 Table 24: RF transmitter characteristics ...................................................................................................23 Table 25: PA impedance ..........................................................................................................................23 Table 26: Regulatory standards................................................................................................................24 Table 27: Harmonic emission at 433 MHz................................................................................................24 Table 28: Harmonic emission at 868 MHz................................................................................................24 Table 29: Harmonic emission at 915 MHz................................................................................................25 Table 30: Digital SPI input, output and GPIO specification ......................................................................25 Table 31: Battery indicator and low battery detector ................................................................................26 Table 32: SMPS output voltage ................................................................................................................27 Table 33: POR parameters .......................................................................................................................28 Table 34: Charge pump words .................................................................................................................29 Table 35: Resolution frequency ................................................................................................................30 Table 36: Channel spacing resolution ......................................................................................................31 Table 37: Modulation scheme...................................................................................................................31 Table 38: Constellation mapping 2-(G)FSK..............................................................................................32 Table 39: Constellation mapping 4-(G)FSK..............................................................................................32 Table 40: PA Bessel filter words ...............................................................................................................34 Table 41: Channel filter words ..................................................................................................................39 Table 42: RX timer stop condition configuration .......................................................................................40 Table 43: CS mode description ................................................................................................................41 Table 44: RCO Frequency ........................................................................................................................46 Table 45: States........................................................................................................................................49 Table 46: Commands................................................................................................................................49 Table 47: Response time ..........................................................................................................................50 Table 48: BASIC packet format ................................................................................................................51 Table 49: Preamble field selection............................................................................................................51 Table 50: STack packet ............................................................................................................................53 Table 51: 802.15.4g packet ......................................................................................................................54 Table 52: PHR frame ................................................................................................................................55 Table 53: UART over the air packet format ..............................................................................................55 |