Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S2-LP Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce S2-LP
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 2Page - STMicroelectronics S2-LP Datasheet HTML 3Page - STMicroelectronics S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics S2-LP Datasheet HTML 6Page - STMicroelectronics S2-LP Datasheet HTML 7Page - STMicroelectronics S2-LP Datasheet HTML 8Page - STMicroelectronics S2-LP Datasheet HTML 9Page - STMicroelectronics S2-LP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
List of tables
S2-LP
6/90
DocID029944 Rev 1
Table 54: 3-out-of-6 coding scheme .........................................................................................................58
Table 55: Timer description and duration (the values are related to fdig of 26 MHz) ..............................63
Table 56: Interrupts list .............................................................................................................................72
Table 57: GPIO digital output functions ....................................................................................................74
Table 58: GPIO digital input functions ......................................................................................................75
Table 59: Register contents ......................................................................................................................76
Table 60: QFN24L (4x4 mm) package mechanical data ..........................................................................88
Table 61: Document revision history ........................................................................................................89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90