Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F016-90FC Fiches technique(PDF) 36 Page - Advanced Micro Devices

No de pièce AM29F016-90FC
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-90FC Fiches technique(HTML) 36 Page - Advanced Micro Devices

Back Button AM29F016-90FC Datasheet HTML 28Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 29Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 30Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 31Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 32Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 33Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 34Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 35Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
Am29F016
PHYSICAL DIMENSIONS
TSR048
48-Pin Reversed Thin Small Outline Package
Trademarks
Copyright © 1997 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies
48
25
1
24
18.30
18.50
19.80
20.20
11.90
12.10
SEATING PLANE
0.05
0.15
0.50 BSC
0.95
1.05
16-038-TS48
TSR048
DA104
8-8-94 ae
Pin 1 I.D.
1.20
MAX
0.50
0.70
0.10
0.21
0.25MM (0.0098") BSC
0
°
5
°
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36