Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F016-90FC Fiches technique(PDF) 31 Page - Advanced Micro Devices

No de pièce AM29F016-90FC
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-90FC Fiches technique(HTML) 31 Page - Advanced Micro Devices

Back Button AM29F016-90FC Datasheet HTML 27Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 28Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 29Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 30Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 31Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 32Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 33Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 34Page - Advanced Micro Devices AM29F016-90FC Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Am29F016
31
Figure 16.
Temporary Sector Group Unprotect Timing Diagram
RY/BY
Program or Erase Command Sequence
18805D-22
RESET
CE
WE
0V or 5 V
0 or 5V
tVIDR
12V
18805D-23
Figure 17.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE
DQ6
DQ2
Toggle
DQ2 and DQ6
with OE
Erase
Complete
Note:
DQ2 is read from the erase-suspended sector.
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36