| Moteur de recherche de fiches techniques de composants électroniques |
|
LPV324MTX Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LPV324MTX Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 21 page ![]() LPV321 Single/ LPV358 Dual/ LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers General Description The LPV321/358/324 are low power (9µA per channel at 5.0V) versions of the LMV321/358/324 op amps. This is an- other addition to the LMV321/358/324 family of commodity op amps. The LPV321/358/324 are the most cost effective solutions for the applications where low voltage, low power operation, space saving and low price are needed. The LPV321/358/324 have rail-to-rail output swing capability and the input common-mode voltage range includes ground. They all exhibit excellent speed-power ratio, achieving 152 KHz of bandwidth with a supply current of only 9µA. The LPV321 is available in space saving SC70-5, which is approximately half the size of SOT23-5. The small package saves space on pc boards, and enables the design of small portable electronic devices. It also allows the designer to place the device closer to the signal source to reduce noise pickup and increase signal integrity. The chips are built with National’s advanced submicron silicon-gate BiCMOS process. The LPV321/358/324 have bi- polar input and output stages for improved noise perfor- mance and higher output current drive. Features (For V + = 5V and V− = 0V, Typical Unless Otherwise Noted) jGuaranteed 2.7V and 5V Performance jNo Crossover Distortion jSpace Saving Package SC70-5 2.0x2.1x1.0mm jIndustrial Temp.Range −40˚C to +85˚C jGain-Bandwidth Product 152KHz jLow Supply Current LPV321 9µA LPV358 15µA LPV324 28µA jRail-to-Rail Output Swing @ 100k Ω Load V +−3.5mV V −+90mV jV CM −0.2V to V + −0.8V Applications n Active Filters n General Purpose Low Voltage Applications n General Purpose Portable Devices Connection Diagrams 5-Pin SC70-5/SOT23-5 DS100920-1 Top View 8-Pin SO/MSOP DS100920-2 Top View 14-Pin SO/TSSOP DS100920-3 Top View August 1999 © 1999 National Semiconductor Corporation DS100920 www.national.com |
Numéro de pièce similaire - LPV324MTX |
|
Description similaire - LPV324MTX |