| Moteur de recherche de fiches techniques de composants électroniques |
|
LPV324MTX Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LPV324MTX Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 21 page ![]() 5V AC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T J = 25˚C, V + = 5V, V− = 0V, V CM = 2.0V, VO =V +/2 and R L > 1MΩ. Boldface limits apply at the temperature extremes. Symbol Parameter Conditions Typ (Note 6) Limit (Note 7) Units SR Slew Rate (Note 9) 0.1 V/µs GBWP Gain-Bandwidth Product C L = 22 pF 152 KHz Φ m Phase Margin 87 Deg G m Gain Margin 19 dB e n Input-Referred Voltage Noise f = 1 kHz, 146 i n Input-Referred Current Noise f = 1 kHz 0.30 Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in- tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics. Note 2: Human body model, 1.5 k Ω in series with 100 pF. Machine model, 0Ω in series with 200 pF. Note 3: Shorting output to V+ will adversely affect reliability. Note 4: Shorting output to V- will adversely affect reliability. Note 5: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is P D =(TJ(max)–TA)/θJA. All numbers apply for packages soldered directly into a PC board. Note 6: Typical values represent the most likely parametric norm. Note 7: All limits are guaranteed by testing or statistical analysis. Note 8: RL is connected to V -. The output voltage is 0.5V ≤ VO ≤ 4.5V. Note 9: Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates. Note 10: All numbers are typical, and apply for packages soldered directly onto a PC board in still air. www.national.com 5 |